PART |
Description |
Maker |
LA30QS60-4 LA30QS50-4 LA30QS40-4 LA30QS35-4 LA30QS |
VERY FAST BLOW ELECTRIC FUSE, 80A, 300VAC, 300VDC, 200000A (IR), INLINE/HOLDER VERY FAST BLOW ELECTRIC FUSE, 700A, 300VAC, 300VDC, 200000A (IR), INLINE/HOLDER Special Purpose Fuses
|
Littelfuse
|
BDX62 |
Bipolar PNP Device in a Hermetically sealed TO3 VARISTOR, 300VAC, 20MM (LITTLEFUSE V20E300)
|
Seme LAB
|
MDHU102 MDHU105 MDHU114 MDHU115 |
Reinforced Insulation rated for 300VAC Working Voltage
|
Total Power Internation...
|
MSHU102 MSHU104 MSHU108 MSHU112 MSHU105 MSHU109 |
Reinforced Insulation rated for 300VAC Working Voltage
|
Total Power Internation...
|
DS1249W DS1249W-150-IND DS1249W-100 DS1249W-100-IN |
3.3V 2048kb Nonvolatile SRAM 3.3V2048kb非易失SRAM CAPACITOR, CLASS Y2 33NFCAPACITOR, CLASS Y2 33NF; Capacitance:33nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 3.3 2048kb非易失SRAM CAPACITOR, CLASS Y2 27NFCAPACITOR, CLASS Y2 27NF; Capacitance:27nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. CAPACITOR, CLASS Y2 330NFCAPACITOR, CLASS Y2 330NF; Capacitance:330nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 3.3V 2048k Nonvolatile SRAM
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
222233840683 222233840684 222233840685 22223384168 |
CAPACITOR 68NF 300V CAPACITOR 680NF 300V CAPACITOR 6.8UF 300V Low-Power MicroMonitor Chip CAPACITOR 470NF 300V CAPACITOR 1.0UF 300V Power Monitor CAPACITOR 15NF 300V CAPACITOR 1.5UF 300V CAPACITOR 22NF 300V CAPACITOR 220NF 300V CAPACITOR 33NF 300V CAPACITOR 330NF 300V CAPACITOR 3.3UF 300V CAPACITOR 100NF 300V CAPACITOR 2.2UF 300V CAPACITOR 10NF 300V 256k Nonvolatile SRAM 电容3NF 300V
|
Vishay Intertechnology, Inc.
|
87975-1001 0879751001 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount
|
Molex Electronics Ltd.
|
0783670001 78367-0001 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Extended Height Receptacle, SMT, Vertical, with Pegs andSolder Tabs
|
Molex Electronics Ltd.
|
SD-98787-001 SD-98787-002 0987871011 19911221 |
2.54mm (.100) Pitch Pitch MOX Plug Housing, 6 Circuits, Black
|
Molex Electronics Ltd.
|
AXK8L22124BG AXK7L20223G AXK8L10124BG AXK8L16124BG |
Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
|
Panasonic Semiconductor
|
AXK780147G AXK780247G AXK780347G AXK850245WG AXK85 |
Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
|
Panasonic Semiconductor
|
87824-0004 0878240004 |
1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Surface Mount Solder Tab
|
Molex Electronics Ltd.
|